Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download SMA5104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  132 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) r ds(on) -t c characteristics (typical) characteristic curves SMA5104 2 4 3 8 6 5 7 9 11 12 10 1 pch nch (t a =25 c) symbol unit v dss 60 C 60 v v gss 20 20 v i d 5 4a i d(pulse) 10 (pw 1ms) 8 (pw 1ms) a e as *2 mj 4 (ta=25 c, with all circuits operating, without heatsink) w 28 (tc=25 c,with all circuits operating, with infinite heatsink) w j-a 31.2 (junction-air, ta=25 c, with all circuits operating) c/w j-c 4.46 (junction-case, tc=25 c, with all circuits operating) c/w tch 150 c tstg C 40 to +150 c * : v dd =20v, l=1mh, i d =2a, unclamped, see fig. e on page 15. p t ratings n channel p channel 02 10 10 8 2 0 v ds (v) i d (a) 468 6 4 v gs =4v 7v 6v 5v 10v 6 0 8 10 024 8 i d (a) v gs (v) 4 2 6 (v ds =10v) 25 c 125 c t c = C 40 c 0 0 24 10 0.05 0.10 0.15 0.20 i d (a) r ds (on) ( ? ) 68 (v gs =10v) C 40 0 050100 150 0.1 0.2 0.3 r ds (on) ( ? ) t c ( c) i d =5a v gs =10v 0 C 2 C 10 C 8 C 6 0 v ds (v) i d (a) C 4 C 6 C 8 C 2 C 4 v gs = C 4v C 7v C 6v C 5v C 10v 0 0 C 2 0.2 0.4 0.5 0.6 i d (a) r ds (on) ( ? ) C 4 C 6 C 8 0.3 0.1 (v gs = C 10v) C 40 0 0 50 100 150 0.6 0.8 1.0 r ds (on) ( ? ) t c ( c) 0.4 0.2 i d = C 4a v gs = C 10v n-channel + p-channel 3-phase motor drive external dimensions b ? ? ? sma absolute maximum ratings  equivalent circuit diagram i d (a) v gs (v) 0 C 2 C 10 C 4 C 6 C 8 C 8 C 6 0 C 2 C 4 (v ds = C 10v) 25 c 125 c t c = C 40 c
133 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch re (yfs) -i d characteristics (typical) safe operating area (soa) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) p t -t a characteristics characteristic curves SMA5104 (t a =25 c) n channel p channel symbol specification unit conditions specification unit conditions min typ max min typ max v (br)dss 60 v i d =250 a, v gs =0v C 60 v i d = C 250 a, v gs =0v i gss 500 na v gs = 20v 500 na v gs = 20v i dss 250 av ds =60v, v gs =0v C 250 av ds = C 60v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =250 a C 2.0 C 4.0 v v ds = C 10v, i d = C 250 a re (yfs) 2.2 3.3 s v ds =10v, i d =5a 1.6 2.2 s v ds = C 10v, i d = C 4a r ds(on) 0.17 0.22 ? v gs =10v, i d =5a 0.38 0.55 ? v gs = C 10v, i d = C 4a ciss 300 pf v ds =25v, f=1.0mhz, 270 pf v ds = C 25v, f=1.0mhz, coss 160 pf v gs =0v 170 pf v gs =0v t on 35 ns i d =5a, v dd 30v, v gs =10v, 60 ns i d = C 4a, v dd C 30v, v gs = C 10v, t off 35 ns see fig. 3 on page 16. 60 ns see fig. 4 on page 16. v sd 1.1 1.5 v i sd =5a, v gs =0v C 4.4 C 5.5 v i sd = C 4a, v gs =0v t rr 140 ns i sd = 100ma 150 ns i sd = 100ma 0.3 0.08 0.5 1 1 5 10 i d (a) re (yfs) (s) 510 0.5 (v ds =10v) 25 c 125 c t c = C 40 c 0 1020 304050 10 100 1000 v ds (v) capacitance (pf) 500 50 v gs =0v f=1mhz ciss coss crss 0 0 1.0 1.5 2 8 10 i dr (a) v sd (v) 0.5 4 6 5v 10v v gs =0v 0.5 0.1 1 5 10 50 100 0.5 1 5 10 20 i d (a) v ds (v) (t c =25 c) 1ms 10 ms (1shot) 100 s limited r ds (on) i d (pulse) max 0.3 C 0.5 C 1 1 5 i d (a) re (yfs) (s) C 5 C 8 0.5 C 0.1 (v ds = C 10v) 25 c 125 c t c = C 40 c 0 C 10 C 20 C 30 C 40 C 50 50 100 700 v ds (v) capacitance (pf) 500 10 v gs =0v f=1mhz ciss coss crss 0 C 3 C 5 i dr (a) v sd (v) C 1 C 8 C 6 0 C 4 C 2 C 2 C 4 C 5v C 10v v gs =0v C 0.5 C 0.1 C 1 C 5 C 10 C 50 C 100 C 1 C 5 C 10 i d (a) v ds (v) C 0.5 (t c =25 c) 1ms 10 m s (1shot) 100 s lim ited r d s ( o n ) i d (pulse) max 25 30 20 15 10 5 0 with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) w ith infinite h e a tsin k without heatsink electrical characteristics


▲Up To Search▲   

 
Price & Availability of SMA5104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X